Electronic Components Datasheet Search
  English  ▼

X  

PM25LD010 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PM25LD010 Datasheet HTML 9Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 10Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 11Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 12Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 13Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 14Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 15Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 16Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
13
DRAFT Date: August, 2010, Rev:0.4
DEVICE OPERATION (CONTINUED)
RDMDID COMMAND (READ DEVICE MANUFACTURER AND DEVICE ID)
OPERATION
The RDMDID instruction allows the user to read the
manufacturer and product ID of devices. Refer to Table
11 Product Identification for pFlash Manufacturer ID
and Device ID. The RDMDID command is input,
followed by a 24-bit address pointing to an ID table.
The table contains the first Manufacturer ID (9Dh) and
the Device ID (22h, in the case of the Pm25LD020),
and is shifted out on SO with the MSB first, each bit
shifted out during the falling edge of SCK. If CE# stays
low after the last bit of the Device ID is shifted out, the
Manufacturer ID and Device ID will loop until CE# is
pulled high.
Figure 5. Read Product Identification by RDMDID READ Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com