Electronic Components Datasheet Search
  English  ▼

X  

PM25LD010 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button PM25LD010 Datasheet HTML 22Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 23Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 24Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 25Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 26Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 27Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 28Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 29Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
26
DRAFT Date: August, 2010, Rev:0.4
AC CHARACTERISTICS (CONTINUED)
HOLD TIMING
PIN CAPACITANCE (f = 1 MHz, T = 25°C )
Typ
Max
Units
Conditions
CIN
4
6
pF
VIN = 0 V
COUT
8
12
pF
VOUT = 0 V
Note: These parameters are characterized but not 100% tested.
OUTPUT TEST LOAD
INPUT TEST WAVEFORMS
AND MEASUREMENT LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com