Electronic Components Datasheet Search
  English  ▼

X  

PM25LD010 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button PM25LD010 Datasheet HTML 25Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 26Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 27Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 28Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 29Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 30Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 31Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 32Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
33
DRAFT Date: August, 2010, Rev:0.4
REVISION HISTORY
Date
Revision No.
Description of Changes
Page No.
March, 2009
0.0
Preliminary Product Specification
All
September, 2009
0.1
1. Modify the program frequency to 50MHz
2. Improve Erase time from 15ms to 10ms.
1,10
October, 2009
0.2
1. Modify the tHS, tHD to 15ns
24
October, 2009
0.3
1. fix the erase time
November, 2009
0.31
1. change the operation voltage spec
2.3V~2.8V
All
August, 2010
0.4
1. Modify the operation voltage 2.3V~3.6V
2. Modify the write inhibit 1.6V~1.8V
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com