Electronic Components Datasheet Search
  English  ▼

X  

PM25LD010 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button PM25LD010 Datasheet HTML 12Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 13Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 14Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 15Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 16Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 17Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 18Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 19Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
16
DRAFT Date: August, 2010, Rev:0.4
DEVICE OPERATION (CONTINUED)
RDSR COMMAND (READ STATUS REGISTER) OPERATION
The Read Status Register (RDSR) instruction provides
access to the Status Register. During the execution of
a program, erase or write status register operation, all
other instructions will be ignored except the RDSR
instruction, which can be used to check the progress or
completion of an operation by reading the WIP bit of
Status Register.
Figure 8. Read Status Register Sequence
WRSR COMMAND (WRITE STATUS REGISTER) OPERATION
The Write Status Register (WRSR) instruction allows
the user to enable or disable the block protection and
status register write protection features by writing “0”s
or “1” s into the volatile BP2, BP1, BP0 and SRWD
bits.
Figure 9. Write Status Register Sequence
DEVICE OPERATION (CONTINUED)
SIO
SIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com