Electronic Components Datasheet Search
  English  ▼

X  

PM25LD010 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PM25LD010 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 6Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
5
DRAFT Date: August, 2010, Rev:0.4
SPI MODES DESCRIPTION
Multiple Pm25LD512/010/020 devices can be
connected on the SPI serial bus and controlled by a
SPI Master, i.e. microcontroller, as shown in Figure 1.
The devices support either of two SPI modes:
Mode 0 (0, 0)
Mode 3 (1, 1)
The difference between these two modes is the clock
polarity when the SPI master is in Stand-by mode: the
serial clock remains at “0” (SCK = 0) for Mode 0 and
the clock remains at “1” (SCK = 1) for Mode 3. Please
refer to Figure 2. For both modes, the input data is
latched on the rising edge of Serial Clock (SCK), and
the output data is available from the falling edge of
SCK.
Figure 1. Connection Diagram among SPI Master and SPI Slaves (Memory Devices)
Figure 2. SPI Modes Supported
MSb
MSb
SCK
SCK
SO
SIO
Input mode
Mode 0 (0, 0)
Mode 3 (1, 1)
SPI Master
(i.e. Microcontroller)
CS3
CS2
CS1
SPI Memory
Device
SPI Memory
Devic
e
SPI Memory
Device
SPI Interface with
(0,0) or (1,1)
SDIO
SDI
SCK
SCK
SCK
SCK
SO
SO
SO
SIO
SIO
SIO
CE#
CE#
CE#
WP#
WP#
WP#
HOLD#
HOLD#
HOLD#
Note: 1. The Write Protect (WP#) and Hold (HOLD#) signals should be driven high or low as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com