Electronic Components Datasheet Search
  English  ▼

X  

MSM6665 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM6665
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM6665 Datasheet HTML 22Page - OKI electronic componets MSM6665 Datasheet HTML 23Page - OKI electronic componets MSM6665 Datasheet HTML 24Page - OKI electronic componets MSM6665 Datasheet HTML 25Page - OKI electronic componets MSM6665 Datasheet HTML 26Page - OKI electronic componets MSM6665 Datasheet HTML 27Page - OKI electronic componets MSM6665 Datasheet HTML 28Page - OKI electronic componets MSM6665 Datasheet HTML 29Page - OKI electronic componets MSM6665 Datasheet HTML 30Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26/30
¡ Semiconductor
MSM6665-xx
APPLICATION CIRCUIT
Example :
1/17 duty, 1/5 bias
Cursor-contained (5 x 7 dot )16-character x 2-line LCD panel
COM
SEG
17 dot
80 dot
LCD bias
or
OSC1
OSC2
OSC3
80kHz
10kW
56pF
OSC1
OSC2
OSC3
MSM6665-xx
V
Vss1
Vss2
Vss3
Vss4
Vss5
9D/
17D
Vss
TEST
CS
C/
SHT
SO
SI
D
RST
PORT
OPEN
OPEN
1-3
DD
C1-C17
S1
-
S80
75kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com