Electronic Components Datasheet Search
  English  ▼

X  

MSM6665 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6665
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6665 Datasheet HTML 3Page - OKI electronic componets MSM6665 Datasheet HTML 4Page - OKI electronic componets MSM6665 Datasheet HTML 5Page - OKI electronic componets MSM6665 Datasheet HTML 6Page - OKI electronic componets MSM6665 Datasheet HTML 7Page - OKI electronic componets MSM6665 Datasheet HTML 8Page - OKI electronic componets MSM6665 Datasheet HTML 9Page - OKI electronic componets MSM6665 Datasheet HTML 10Page - OKI electronic componets MSM6665 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/30
¡ Semiconductor
MSM6665-xx
Oscillation Characteristics 1 (Rs=10k
W, C=56pF, R variable characteristics)
1/17 duty
Oscillation Characteristics 2 (Rs=10k
W, R=75kW, C variable characteristics)
1/17 duty
40
30
20
10
0
55
65
75
85
95
f=80kHz,
Frame cycle¥2=27.2ms
VDD =3.0V
VDD =5.0V
R Resistance (k )
W
40
30
20
10
0
35
45
55
65
75
f=80kHz,
Frame cycle¥2=27.2ms
VDD =3.0V
VDD =5.0V
C Capacitance (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com