Electronic Components Datasheet Search
  English  ▼

X  

MSM6665 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6665
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6665 Datasheet HTML 9Page - OKI electronic componets MSM6665 Datasheet HTML 10Page - OKI electronic componets MSM6665 Datasheet HTML 11Page - OKI electronic componets MSM6665 Datasheet HTML 12Page - OKI electronic componets MSM6665 Datasheet HTML 13Page - OKI electronic componets MSM6665 Datasheet HTML 14Page - OKI electronic componets MSM6665 Datasheet HTML 15Page - OKI electronic componets MSM6665 Datasheet HTML 16Page - OKI electronic componets MSM6665 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
¡ Semiconductor
MSM6665-xx
• DISP (Display on/off)
[1,0,0,X,1,0,0,1/0]
Command used to control lighing-on and lighting-off for the LCD panel.
When D0 is "1", the display of the LCD panel goes on, and When D0 is "0", it goes off.
When the display is off, the VDD level voltage is output on all of pins of both the segment
driver and the common driver.
D0 is set to "0" after inputting Reset.
• ABBC 1/5 (Arbitrator Blink Control 1/5 dot)
[1,0,0,1,1,1,0,1/0]
Command used to do switching between arbitrator’s blinking in a 1-dot unit and or in
a 5-dot unit.
When D0 is "1", arbitrator’s blinking comes in the 1-dot unit mode.
When D0 is "0", it comes in the 5-dot unit mode.
D0="0" is set after inputting Reset.
Note) 1-dot unit blink setting Æ • See ABB.
5-dot unit blink setting Æ • See CHB.
• ABB (Arbitrator Blink)
[1,0,0,0,1,1,0,1/0]
Command used to control on/off of blinking, which is valid only when arbitrator’s
blinking is set in the 1-dot unit mode.
Data , which are entered via SI pin after setting D0="1", are taken as arbitrator blink data
(1-dot unit).
Input blink data correspond to each of arbitrator’s dots. When "1", blinking is on, and
when "0", blinking is off.
Note that the arbitrator, which arbitrator-on is not specified, is not able to blink, though
blink-setting is available. Dummy data must be entered into the arbitrator blink data D5
thru D7.
It is impossible to write data in addressed 00H through 31H.
D0="0" is set after inputting Reset.
Note)
If blink is set in the 5-dot unit mode, ABB command setting (D0="1" or "0") is
available, but blink-on/off setting via input of display data is impossible.
• AINC (Address Increment)
[1,0,0,X,1,X,1,X]
Command used to increment the value of the address pointer by 1.
The pointer is increment by 1 each time this command is executed. The operation set by
LOT command is given to the address before being increased by 1 each time this
command is execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com