Electronic Components Datasheet Search
  English  ▼

X  

MSM6665 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM6665
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM6665 Datasheet HTML 14Page - OKI electronic componets MSM6665 Datasheet HTML 15Page - OKI electronic componets MSM6665 Datasheet HTML 16Page - OKI electronic componets MSM6665 Datasheet HTML 17Page - OKI electronic componets MSM6665 Datasheet HTML 18Page - OKI electronic componets MSM6665 Datasheet HTML 19Page - OKI electronic componets MSM6665 Datasheet HTML 20Page - OKI electronic componets MSM6665 Datasheet HTML 21Page - OKI electronic componets MSM6665 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18/30
¡ Semiconductor
MSM6665-xx
Flowchart for Power-On Timing
Turn on power
Reset input
5ms required; external reset input or power-on reset input
CS="H"
The device is enabled.
SOE/D, D0="1"
Make the SO output enable, to perform busy detection.
Wait for 20 clocks
Input a wait for the SOE/D command processing. (For the processing
of each command after this, perform busy detection. *1)
BPC and BKCG
command set
Set the blink pattern and bank change mode.
LOT, I1="1", I0="1"
Set the Load Option. (Blank-code writing and blink-cancellation
are executed each time the AINC command is executed.)
AINC executed 48 times
Input the AINC command to clear the RAM data.
LOT, I1="0", I0="0"
Release the Load Option.
Input display data for initial screen
DISP, D0="1"
Display is turned on and the initial screen is displayed.
Is Input of display data for
initial screen completed?
NO
YES
Normal operation
*1
After the required commands and display data are entered, perform busy detection
based on the SO pin status. When it is confirmed that the status has been changed
from BUSY (SO="L") to NON-BUSY (SO="H"), enter the next data.
If busy detection is not performed, wait for 10 master oscillation clocks when used at
1/17 duty or for 20 master oscillation clocks when at 1/9 duty, then enter the next
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com