Electronic Components Datasheet Search
  English  ▼

X  

MSM6665 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6665
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6665 Datasheet HTML 8Page - OKI electronic componets MSM6665 Datasheet HTML 9Page - OKI electronic componets MSM6665 Datasheet HTML 10Page - OKI electronic componets MSM6665 Datasheet HTML 11Page - OKI electronic componets MSM6665 Datasheet HTML 12Page - OKI electronic componets MSM6665 Datasheet HTML 13Page - OKI electronic componets MSM6665 Datasheet HTML 14Page - OKI electronic componets MSM6665 Datasheet HTML 15Page - OKI electronic componets MSM6665 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12/30
¡ Semiconductor
MSM6665-xx
Command Description
[D7, D6, D5, D4, D3, D2, D1, D0], X=don’t care
• LPA (Load Pointer Address)
[1,1,A5,A4,A3,A2,A1,A0]
The command sets "address" data into the address pointer to specify an address on
which command execution affects and an address where display data is stored. The
"address" is a number between 0H and 2FH, given by A0 through A5 in hexadecimal.
When addresses 30H through 3FH are specified, display data and CHB, CSC, CSB, CCB
commands become invalid through an address pointer is set up. Normally, the address
pointer is a loop of 0H through 2FH.
• LOT (Load Option)
[1,0,1,1,X,X,I1,I0]
This command indicates some specific operation of display at the current address which
is performed each time of AINC command execution.
Operation is specified by bit I1 and I0 of the command.
I0
0
1
0
Operation
1
I1
0
0
1
1
Operation is cancelled. (No operation)
Hereafter, equivalent to writing blank code at each AINC execution.
Hereafter, Cursor-off and blink-cancellation are executed at each AINC execution.
Both of above two operations are indicated.
Note) When blink-cancellation is executed, all RAM data, which controls blinks for each bit of the
arbitrator, go zeros.
• BKCG 1/0 (Bank Change 1/0)
[1,0,0,X,0,0,0,1/0]
Command used to do switching between display address groups (switching between
BANKs), which is valid only when 1/9duty display is selected.
When D0 is "0", display address range becomes 0 through 15, and 32 through 47.
When D0 is "1", display address range becomes 16 through 31, and 32 through 47.
Command execution and display data setting are not affected by Bank setting.
The D0 status is not changed by Reset inputting. The D0 status is unknown when the
system is powered on. So D0 must be set to "0" or "1" with the command.
• SOE/D (Serial Out Enable/Disable)
[1,0,0,X,0,1,1,1/0]
Command used to control the impedance of SO output pin.
When D0 is "1", display data is output via SO pin. When D0 is "0", SO pin goes to high
impedance.
The D0 status is not changed by Reset inputting. The D0 status is unknown when the
system is powered on. So D0 must be set to "0" or "1" with the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com