Electronic Components Datasheet Search
  English  ▼

X  

ENG3090B Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # ENG3090B
Description  MT6516 Design Notice V1.0
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENG3090B Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button ENG3090B Datasheet HTML 88Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 89Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 90Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 91Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 92Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 93Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 94Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 95Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
92
USB Pin Definition
USB Pin Definition
▪
USB2.0 pin out description.
– General pins
– Optional pins for supporting OTG
* Comparator used for detecting changes of VBUS voltage.
IO
PAD_USB_VBUS
1
Analog 1.2V ground
GND
AVSS12_USB
8
Analog 1.2V supply.
VDD
AVDD12_USB
7
Analog 5.1K reference resistor
IO
PAD_USB_VRT
6
Analog 3.3V ground
GND
AVSS33_USB
5
Analog 3.3V supply
VDD
AVDD3_USB
4
USB serial differential bus (positive)
IO
PAD_USB_DP
3
USB serial differential bus (minus)
IO
PAD_USB_DM
2
Description
Type
Symbol
Pin
Optional function for USB OTG ID pin for detecting
slave plug in.
IO
PAD_USB_ID
9
Description
Type
Symbol
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com