Electronic Components Datasheet Search
  English  ▼

X  

ENG3090B Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ENG3090B
Description  MT6516 Design Notice V1.0
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENG3090B Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ENG3090B Datasheet HTML 45Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 46Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 47Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 48Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 49Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 50Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 51Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 52Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
49
External RC value
External RC value
▪
RC value on mp3_out path
1) Bandwidth:
2) Amplitude degradation:
3) Larger resistance, better bass, smaller volume;
4) Larger capacitance, better bass, higher cost, larger PCB area.
5) Pout < Earphone speaker rated power
6) example:
•
(R1, C, Fc, Amplitude)
– (
100ohm, 47uF, 25.65Hz, -12.3dB)
RC
f
c
π
2
1
=
2
1
2
log
20
]
[
R
R
R
dB
amplitude
+
=
C
47u (4V)
C
47u (4V)
150
R1
HP Jack
1
2
3
150 R1
AGND
MP3_OUTR
MP3_OUTL
R1
C
R2
R=R1+R2
2
)
(
2
R
V
P
rms
out
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com