Electronic Components Datasheet Search
  English  ▼

X  

ENG3090B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ENG3090B
Description  MT6516 Design Notice V1.0
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENG3090B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ENG3090B Datasheet HTML 1Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 2Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 3Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 4Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 5Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 6Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 7Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 8Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
4
▪
Separate Application (ARM9) and hard real-time
Modem (ARM7)
▪
Multi-Cores with HW coprocessors SoC
–
Application: ARM926EJS 416MHz
–
Modem: ARM7 (52MHz/104MHz) + 2
DSP(104MHz)
–
CEVA DSP (312MHz) for video and
unpredictable multimedia application on
Smartphone
▪
65nm process. Ultra low power design.
▪
Graphics, Display, Image, Camera, Video
multimedia hardware accelerators.
–
2D Graphics - support Window Mobile Bitblt
function
–
3D Graphics - Support OpenGL ES 1.1
Common/Common Lite profile
–
3D Performance: fill rate = 32M, triangle rate =
3.7M
▪
Wide range of resolution up to WVGA size
▪
Various display Interface Support
–
8080 host IF (MIPI DBI)
–
8/9/16/32-bit Serial IF
–
RGB interface (MIPI DPI)
–
MIPI DSI interface
▪
High Performance Memory controller @
104MHz, support
–
32-bit / 16-bit LP-DDR SDRAM
–
4 chip selects : support up to 4 DRAM
devices
–
NAND-boot supported
–
NAND data storage supported
▪
Peripherals
–Dual SIM
–
3 x SDIO, 3 x I2C, 1 x I2S, 4 x UART
–
1-wire interface, 7 x PWM
–
8 x 8 Key Matrix
–
Touch panel interface
–
USB 2.0 high speed integrate with PHY.
MT6516 Main Feature
MT6516 Main Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com