Electronic Components Datasheet Search
  English  ▼

X  

ENG3090B Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # ENG3090B
Description  MT6516 Design Notice V1.0
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENG3090B Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ENG3090B Datasheet HTML 55Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 56Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 57Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 58Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 59Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 60Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 61Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 62Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
59
New Proposed Microphone Circuit
New Proposed Microphone Circuit
▪ Advantage
– 10uf capacitor is not needed any more
– Less passive components are needed
▪ Circuit: Normal mode
C306
33pF
C305
33pF
MICN0
2
C310
100nF
0402
C300
100nF
0402
MIC+
L300
2000@1GHz
R300
2K
0402
R302
2K
0402
MICP0
2
VR300
0402
AU_MICBIAS_P
2
MIC300
MIC
MIC/OD4/ID1
1
2
R301
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com