Electronic Components Datasheet Search
  English  ▼

X  

ENG3090B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ENG3090B
Description  MT6516 Design Notice V1.0
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENG3090B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ENG3090B Datasheet HTML 2Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 3Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 4Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 5Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 6Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 7Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 8Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 9Page - List of Unclassifed Manufacturers ENG3090B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
6
MT6516 Package
MT6516 Package
0.26
0.21
1.2
0.3
0.378 / 0.535
564
15
15
C
A1
A (Max.)
b
e1 / e2
N
E
D
Substrate Thk.
Stand Off
Package Thk.
Ball Dia.
Ball Pitch
Ball Count
Body Size
Table 1 Definition of TFBGA 15mm*15mm, 564-ball, 0.378 mm pitch Package (Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com