Electronic Components Datasheet Search
  English  ▼

X  

ALC262 Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # ALC262
Description  4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC262 Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button ALC262 Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
ALC262 Series
Datasheet
4-Ch DAC and 6-Ch ADC High Definition Audio Codec
28
Track ID: JATR-1076-21
Rev. 1.7
9.1.8.
Parameter – Supported Stream Formats (Verb ID=F00h,
Parameter ID=0Bh)
Parameters in this node only provide default information for audio function groups. Individual converters
have their own parameters to provide supported formats if the ‘Format Override’ bit is set.
Table 25. Parameter – Supported Stream Formats (Verb ID=F00h, Parameter ID=0Bh)
Codec Response Format
Bit
Description
31:3
Reserved. Read as 0’s.
2
AC3.
0: Not supported
1: Supported
1
Float32.
0: Not supported
1: Supported
0
PCM.
0: Not supported
1: Supported
Note: Input converters and output converters support this parameter.
9.1.9.
Parameter – Pin Capabilities (Verb ID=F00h, Parameter ID=0Ch)
The Pin Capabilities parameter returns a bit field describing the capabilities of the Pin Complex widget.
Table 26. Parameter – Pin Capabilities (Verb ID=F00h, Parameter ID=0Ch)
Codec Response Format
Bit
Description
31:16
Reserved. Read as 0’s.
15:8
VREF Control Capability.
‘1’ in corresponding bit field indicates signal levels of associated Vrefout are specified as a percentage of
AVDD.
7:6
5
4
3
2
1
0
Reserved
100%
80%
Reserved
Ground
50%
Hi-Z
7
L-R Swap. Indicates the capability of swapping the left and rights.
6
Balanced I/O Pin.
‘1’ indicates this pin complex has balanced pins.
5
Input Capable.
‘1’ indicates this pin complex supports input.
4
Output Capable.
‘1’ indicates this pin complex supports output.
3
Headphone Drive Capable.
‘1’ indicates this pin complex has an amplifier to drive a headphone.
2
Presence Detect Capable.
‘1’ indicates this pin complex can detect whether there is anything plugged in.
1
Trigger Required.
‘1’ indicates whether a software trigger is required for an impedance measurement.
0
Impedance Sense Capable.
‘1’ indicates this pin complex can perform analog sense on the attached device to determine its type.
Note: Only Pin Complex widgets support this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com