Electronic Components Datasheet Search
  English  ▼

X  

ALC262 Datasheet(PDF) 65 Page - Realtek Semiconductor Corp.

Part # ALC262
Description  4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC262 Datasheet(HTML) 65 Page - Realtek Semiconductor Corp.

Back Button ALC262 Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 68Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 69Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
ALC262 Series
Datasheet
4-Ch DAC and 6-Ch ADC High Definition Audio Codec
57
Track ID: JATR-1076-21
Rev. 1.7
9.40. Get/Set Volume Knob Widget (NID=21h)
(Verb ID=F0Fh/70Fh)
Table 71. Get/Set Volume Knob Widget (NID=21h) (Verb ID=F0Fh/70Fh)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F0Fh
0’s
Bit[31:8]=0’s, Bit[7:0] is volume
Codec Response for NID=21h (Volume Knob Widget)
Bit
Description
31:8
Reserved.
7
Direct.
0: The volume generated by an external HW volume control will be sent by unsolicited response.
Software is responsible for programming the amplifier appropriately
1: The volume generated by an external HW volume control will directly affect amplifier volume
6:0
Volume in steps.
Set Command Format (Verb ID=70Yh, Set Control 2)
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=70Fh
Bit[7] is ‘Direct’ control
0’s
‘Payload’ in Set Command for NID=21h (Volume Knob Widget)
Bit
Description
31:8
Reserved.
7
Direct.
0: The volume generated by an external HW volume control will be sent by unsolicited response.
Software is responsible for programming the amplifier appropriately
1: The volume generated by an external HW volume control will directly affect amplifier volume
6:0
Reserved.
Note: Other nodes will ignore this verb.
9.41. Get/Set Subsystem ID [31:0]
(Verb ID=F20h / 723h~720h to Set Bit[31:0])
Table 72. Get/Set Subsystem ID [31:0] (Verb ID=F20h / 723h~720h to Set Bit[31:0])
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F20h
0’s
32 bits response
Codec Response for NID=01h (Audio Function Group)
Bit
Description
31:16
Subsystem ID[23:8]. (Default=10ECh).
15:8
Subsystem ID[7:0]. (Default=02h).
7:0
Assembly ID[7:0]. (Default=62h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com