Electronic Components Datasheet Search
  English  ▼

X  

ALC262 Datasheet(PDF) 61 Page - Realtek Semiconductor Corp.

Part # ALC262
Description  4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC262 Datasheet(HTML) 61 Page - Realtek Semiconductor Corp.

Back Button ALC262 Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 65Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
ALC262 Series
Datasheet
4-Ch DAC and 6-Ch ADC High Definition Audio Codec
53
Track ID: JATR-1076-21
Rev. 1.7
9.35. Verb – Get GPIO Unsolicited Response Enable Mask
(Verb ID=F19h)
Table 66. Verb – Get GPIO Unsolicited Response Enable Mask (Verb ID=F19h)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F19h
0’s
UnsolEnable [7:0]
Codec Response for NID=01h (Audio Function Group)
Bit
Description
31:4
Reserved.
3:0
GPIO[3:0] Unsolicited Enable mask.
0: Unsolicited response will not be sent on link
1: Unsolicited response will be sent on link when state of corresponding GPIO has been changed
Note: All nodes except Audio Function Group (NID=01h) will ignore this verb.
Codec Response for Other NID
Bit
Description
31:0
0’s.
9.36. Verb – Set GPIO Unsolicited Response Enable Mask
(Verb ID=719h)
Table 67. Verb – Set GPIO Unsolicited Response Enable Mask (Verb ID=719h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=719h
UnsolEnable [7:0]
0’s for all nodes
Codec Response for NID=01h (Audio Function Group)
Bit
Description
31:4
Reserved.
3:0
GPIO[3:0] Unsolicited Enable Mask.
0: Unsolicited response will not be sent on link
1: Unsolicited response will be sent on link when state of corresponding GPIO has been changed
Note 1: All nodes except the Audio Function Group (NID=01h) will ignore this verb.
Note 2: The unsolicited response of corresponding GPIO is enabled when it’s ‘Enable Mask’ and Verb-‘Unsolicited
Response’ for NID=01h are enabled.
Codec Response for Other NID
Bit
Description
31:0
0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com