Electronic Components Datasheet Search
  English  ▼

X  

ALC262 Datasheet(PDF) 2 Page - Realtek Semiconductor Corp.

Part # ALC262
Description  4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC262 Datasheet(HTML) 2 Page - Realtek Semiconductor Corp.

  ALC262 Datasheet HTML 1Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 2Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 3Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 4Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 5Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 6Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 9Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
ALC262 Series
Datasheet
4-Ch DAC and 6-Ch ADC High Definition Audio Codec
ii
Track ID: JATR-1076-21
Rev. 1.7
COPYRIGHT
©2007 Realtek Semiconductor Corp. All rights reserved. No part of this document may be reproduced,
transmitted, transcribed, stored in a retrieval system, or translated into any language in any form or by any
means without the written permission of Realtek Semiconductor Corp.
DISCLAIMER
Realtek provides this document “as is”, without warranty of any kind, neither expressed nor implied,
including, but not limited to, the particular purpose. Realtek may make improvements and/or changes in
this document or in the product described in this document at any time. This document could include
technical inaccuracies or typographical errors.
TRADEMARKS
Realtek is a trademark of Realtek Semiconductor Corporation. Other names mentioned in this document
are trademarks/registered trademarks of their respective owners.
USING THIS DOCUMENT
This document is intended for the hardware and software engineer’s general information on the Realtek
ALC262 Series Audio Codecs.
Though every effort has been made to assure that this document is current and accurate, more information
may have become available subsequent to the production of this guide. In that event, please contact your
Realtek representative for additional information that may help in the development process.
REVISION HISTORY
Revision
Release Date
Summary
1.0
2005/05/02
First release.
1.1
2005/06/09
Update section 13 Ordering Information, page 64.
Revise analog output port information in section 1 General Description, page 1.
1.2
2005/08/25
Add ordering information note (see section 13 Ordering Information, page 64).
1.3
2005/10/17
Revise Figure 2, page 5.
Revise Table 80, page 63.
Update section 13 Ordering Information, page 64.
1.4
2005/11/25
Update section 13 Ordering Information, page 64.
1.5
2006/06/22
Release for ALC262 ‘C’ version.
Revise section 4 Block Diagram, page 4
Improve DAC/ADC filter characteristics, Table 75, page 59.
Support low voltage (1.5V~3.3V) IO for HAD link.
Add digital microphone input support (pins 2 and 46), see Figure 4, page 7.
Add digital microphone application note (section 11.4 Digital Microphone
Implementation, page 65).
Update section 13 Ordering Information, page 64.
1.6
2007/01/15
Update section 13 Ordering Information, page 64.
1.7
2007/01/22
Cosmetic changes to Figure 4, page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com