Electronic Components Datasheet Search
  English  ▼

X  

ALC262 Datasheet(PDF) 49 Page - Realtek Semiconductor Corp.

Part # ALC262
Description  4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC262 Datasheet(HTML) 49 Page - Realtek Semiconductor Corp.

Back Button ALC262 Datasheet HTML 45Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 47Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 48Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 49Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 50Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 51Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 52Page - Realtek Semiconductor Corp. ALC262 Datasheet HTML 53Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
ALC262 Series
Datasheet
4-Ch DAC and 6-Ch ADC High Definition Audio Codec
41
Track ID: JATR-1076-21
Rev. 1.7
Codec Response for NID=02h, 03h, 06h (Output Converters: LINE-OUT DAC, HP-OUT DAC, S/PDIF-OUT).
Codec Response for NID=07h~0Ah (Input Converters: MIC ADC, LINE ADC, MIX DAC, and S/PDIF-IN)
Bit
Description
10:8
Sample Base Rate Divisor (DIV).
000b: /1
001b: /2
010b: /3
011b: /4
100b: /5
101b: /6
110b: /7
111b: /8
The ALC262 does not support Divisor. Always read as 000b.
7
Reserved. Read as 0.
6:4
Bits per Sample (BITS).
000b: 8 bits
001b: 16 bits
010b: 20 bits
011b: 24 bits
100b: 32 bits
101b~111b: reserved
3:0
Number of Channels.
0: 1 channel
1: 2 channels
2: 3 channels ….. 15: 16 channels
Codec Response for other NID
Bit
Description
31:0
Not supported (returns 00000000h).
9.14. Verb – Set Converter Format (Verb ID=2h)
Table 46. Verb – Set Converter Format (Verb ID=2h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:16]
Payload Bit [15:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=2h
Set format [15:0]
0’s for all nodes
‘Set’ Payload in Command Bit[15:0]
Bit
Description
31:16
Reserved. Read as 0.
15
Stream Type (TYPE).
0: PCM
1: Non-PCM
14
Sample Base Rate (BASE).
0: 48kHz
1: 44.1kHz
13:11
Sample Base Rate Multiple (MULT).
000b: *1
001b: *2
010b: *3
011b: *4
100b~111b: Reserved.
10:8
Sample Base Rate Divisor (DIV).
000b: /1
001b: /2
010b: /3
011b: /4
100b: /5
101b: /6
110b: /7
111b: /8
7
Reserved. Read as 0.
6:4
Bits per Sample (BITS).
000b: 8 bits
001b: 16 bits
010b: 20 bits
011b: 24 bits
100b: 32 bits
101b~111b: Reserved
3:0
Number of Channels.
0: 1 channel
1: 2 channels
2: 3 channels …..… 15: 16 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com