Electronic Components Datasheet Search
  English  ▼

X  

TM1622 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1622
Description  LCD powered chip drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1622 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1622 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
32
32
32
32ⅹ
ⅹ
ⅹ
ⅹ8
LCD
8
LCD
8
LCD
8
LCD 驱动专用芯片
驱动专用芯片
驱动专用芯片
驱动专用芯片 TM1622
TM1622
TM1622
TM1622
1
www.szpth.com
V1.2
特性描述
特性描述
特性描述
特性描述
TM1622是256点内存映象和多功能的LCD驱动专用芯片,TM1622的软件配置特性使它适用于多种LCD
应用场合,包括:LCD模块和显示子系统。用于连接主控制器和TM1622的管脚只有4或5条,TM1622还有一
个节电命令用于降低系统功耗。本产品性能优良、质量可靠。
功能特点
功能特点
功能特点
功能特点
工作电压2.4~ 5.2V
内置32 KHz RC振荡器
可外接32KHz频率源作为时钟输入
内置时基频率源
内置蜂鸣器输出驱动,有两种输出频率可选(2 KHz或者4 KHz)
内置节电模式,可用于减少功耗
内置时基发生器和看门狗(WDT)输出
内置32ⅹ8位显示寄存器,32个SEG,8个COM输出驱动
四线串行接口
提供VLCD管脚用于调整LCD操作电压
三种数据访问模式
八个时基/看门狗定时器时钟源
数据模式和命令模式指令
四种封装形式可选:QFP44,LQFP44,QFP52,LQFP64
内部
内部
内部
内部结构框图
结构框图
结构框图
结构框图
控制和时
序电路
蜂鸣器
驱动电路
32*8显存
LCD驱动/偏
压发生电路
看门狗和
时基输出
OSCI
CS
RD
WR
DATA
VDD
GND
BZ
BZ
COM0
COM7
SEG0
SEG31
VLCD
IRQ


Similar Part No. - TM1622

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1620 TITAN-TM1620 Datasheet
510Kb / 13P
LED
TM1620B TITAN-TM1620B Datasheet
560Kb / 16P
LED
TM1621 TITAN-TM1621 Datasheet
1Mb / 17P
LCD
logo
Shenzhen Putianhe Techn...
TM1621 PTH-TM1621 Datasheet
1,023Kb / 18P
LCD driver
TM1621C PTH-TM1621C Datasheet
364Kb / 10P
LCD driver
More results

Similar Description - TM1622

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP216 SANYO-FP216 Datasheet
103Kb / 3P
LCD Backlight Drive Applications
logo
Fairchild Semiconductor
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
LCD Backlight Inverter Drive IC
logo
Sanyo Semicon Device
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4141W SANYO-LV4141W Datasheet
475Kb / 27P
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4149W SANYO-LV4149W Datasheet
469Kb / 26P
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4150W SANYO-LV4150W Datasheet
469Kb / 26P
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
logo
List of Unclassifed Man...
M0100-103-3-000 ETC2-M0100-103-3-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
Nanjing Qinheng Microel...
CH462 WCH-CH462 Datasheet
107Kb / 7P
LCD Display Drive Chip
CH463 WCH-CH463 Datasheet
129Kb / 7P
LCD Display Drive Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com