Electronic Components Datasheet Search
  English  ▼

X  

TM1805 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1805
Description  Inner-type LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1805 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1805 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1805 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
内控式
内控式
内控式
内控式 LLLLED
ED
ED
ED 花样显示
花样显示
花样显示
花样显示驱动
驱动
驱动
驱动 IC
IC
IC
IC TM
TM
TM
TM1805
1805
1805
1805
ww.szpth.com
V2.6
1
特性描述
特性描述
特性描述
特性描述
TM1805是内控式LED花样显示驱动IC,本产品内部自带振荡器,3个RGB输出端口,无
需单片机控制,实现幻彩控制,三种模式设定;同步显示接口,可通过一个电阻来采样市电
50HZ频率作为同步信号输入。芯片内部自带24V和5V稳压管,外围器件简洁,本产品性能
优良、质量可靠,适合装饰彩灯、点光源。
功能特点
功能特点
功能特点
功能特点
采用高压功率CMOS工艺
自带24V稳压管和5V稳压管
3个RGB输出端口
RGB恒压输出,耐压24V
三种变化模式设置
同步频率输入,实现芯片之间同步显示
VDD典型工作电压:5.0V
封装形式:SOP8、DIP8
外部应用框图
外部应用框图
外部应用框图
外部应用框图
适用领域:
LED效果装饰,点光源,幻彩灯。
VDD24V
IC
VDD
GND
VDD
SET
R
B
VLED
VLED
104
VLED
VLED
阻容降压-整流输出
AC220V
G
VLED
FIN
采采采采


Similar Part No. - TM1805

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1805 TITAN-TM1805 Datasheet
340Kb / 8P
LED
More results

Similar Description - TM1805

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8 Datasheet
258Kb / 10P
Infrared LED With Inner Lens
07-20-2005
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
Chip LED with Inner Lens
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
Chip LED with Inner Lens
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
Chip LED with Inner Lens
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
142Kb / 10P
Chip LED with Inner Lens
logo
List of Unclassifed Man...
QBLP651 ETC-QBLP651 Datasheet
979Kb / 14P
LED with Inner Lens
QBLP651-S1 ETC-QBLP651-S1 Datasheet
614Kb / 9P
1206 LED with Inner Lens
QBLP651-S1 ETC1-QBLP651-S1 Datasheet
614Kb / 9P
Inner Lens Chip LED
logo
STANLEY ELECTRIC CO.,LT...
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
Surface Mount IRED/Inner Lens Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com