Electronic Components Datasheet Search
  English  ▼

X  

TM1809 Datasheet(PDF) 9 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1809
Description  9 Way LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1809 Datasheet(HTML) 9 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1809 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
深圳市普天和科技有限公司
www.szpth.com
V1.4
9
99
9 通道
通道
通道
通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1809
TM1809
TM1809
TM1809
4
3
2
1
VDD
GND
SET
DIN
DO
1OUTB
1OUTG
1OUTR
13
12
11
7
3
14
2
1
TM1809
R*
R*
104
C1
U1
VLED
VLED
VLED
J1
R
VLED
DIN
DO
封装示意图
封装示意图
封装示意图
封装示意图
SSSSOP14
OP14
OP14
OP14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com