Electronic Components Datasheet Search
  English  ▼

X  

TM1809 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1809
Description  9 Way LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1809 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1809 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
深圳市普天和科技有限公司
www.szpth.com
V1.4
9
99
9 通道
通道
通道
通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1809
TM1809
TM1809
TM1809
特性描述
特性描述
特性描述
特性描述
TM1809是9通道LED(发光二极管)驱动控制专用电路,内部集成有MCU 数字接口、数据锁存
器、LED 高压驱动等电路。通过外围
MCU控制实现该芯片的单独辉度、级联控制实现户外大屏
的彩色点阵发光控制。本产品性能优良、质量可靠。
功能特点
功能特点
功能特点
功能特点
采用高压功率CMOS工艺
输出端口耐压24V
VDD内部集成5V稳压管
芯片VDD外接串联电阻,电压支持6~24V输入
辉度调节电路,256级辉度可调,低亮度时等效1024级
单线串行级联接口
振荡方式:内置RC振荡并根据数据线上信号进行时钟同步,在接收完本单元的数据后能自
动将后续数据整形后通过数据输出端发送至下级,信号不随级联变远而出现失真或衰减
内置上电复位电路
PWM控制端能够实现256级调节,扫描频率不低于400Hz
能通过一根信号线完成数据的接收与解码
当刷新速率为30帧/s时,级联点数低速模式下不小于540点,高速模式下不小于1080点
数据发送速度可为400Kbps或800Kbps两种模式
封装形式:SOP14、DIP14
外部应用框图
外部应用框图
外部应用框图
外部应用框图
适用领域:点光源、护栏管、软灯条、户内、外大屏等。
控制器
TM1809
DIN
DO
IC1
TM1809
DIN
DO
ICn
DI
VDD
GND
VDD
GND
VDD
VCC
GND
VCC
DO
DO
SET
SET
NEXT
OUT
OUT
VLED
VLED
● ● ●
● ● ●
● ● ●
● ● ●
OUT
OUT
VLED
VLED
● ● ●
● ● ●
● ● ●
● ● ●
VDD
RI
RO
D1
D1
R
R
104
104
R1
R9
R1
R9


Similar Part No. - TM1809

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1809 TITAN-TM1809 Datasheet
318Kb / 10P
LED
More results

Similar Description - TM1809

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TM1801 PTH-TM1801 Datasheet
232Kb / 5P
Single-way LED
TM1802 PTH-TM1802 Datasheet
260Kb / 6P
Single way LED
TM1804 PTH-TM1804 Datasheet
580Kb / 11P
Three-way LED
TM1806 PTH-TM1806 Datasheet
261Kb / 6P
6 way led
TM1810 PTH-TM1810 Datasheet
368Kb / 7P
Single Way LED
logo
TE Connectivity Ltd
612082-9-ENV TEC-612082-9-ENV Datasheet
206Kb / 2P
SHIELDED D369 RECEPTACLE SHELL SIZE 9, 9 WAY
logo
WAGO Kontakttechnik Gmb...
2000-409-000-005 WAGO-2000-409-000-005 Datasheet
361Kb / 6P
Jumper; 9-way; insulated; red
24.11.2021
2000-409-000-006 WAGO-2000-409-000-006 Datasheet
362Kb / 6P
Jumper; 9-way; insulated; blue
24.11.2021
2002-409-000-005 WAGO-2002-409-000-005 Datasheet
362Kb / 6P
Jumper; 9-way; insulated; red
24.11.2021
2002-409-000-006 WAGO-2002-409-000-006 Datasheet
363Kb / 6P
Jumper; 9-way; insulated; blue
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com