Electronic Components Datasheet Search
  English  ▼

X  

LD5857GS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD5857GS
Description  Boost Controller for LED Backlight
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5857GS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD5857GS Datasheet HTML 1Page - Leadtrend Technology LD5857GS Datasheet HTML 2Page - Leadtrend Technology LD5857GS Datasheet HTML 3Page - Leadtrend Technology LD5857GS Datasheet HTML 4Page - Leadtrend Technology LD5857GS Datasheet HTML 5Page - Leadtrend Technology LD5857GS Datasheet HTML 6Page - Leadtrend Technology LD5857GS Datasheet HTML 7Page - Leadtrend Technology LD5857GS Datasheet HTML 8Page - Leadtrend Technology LD5857GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LD5857
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5857-DS-00 April 2014
Absolute Maximum Ratings
VCC, DRV, CS, FB, OVP
30V
All Other Pins
-0.3V ~ 5.5V
Power Dissipation, PD@85C, SOP-8
250mW
Package Thermal Resistance, SOP-8,
JA
160°C/W
Maximum Junction Temperature
150
C
Operating Junction Temperature
-40
C~ 125C
Operating Ambient Temperature
-40
C ~ 85C
Storage Temperature Range
-55
C~ 125C
Lead Temperature (Soldering, 10sec)
260
C
ESD Level (Human Body Model)
2.0KV
ESD Level (Machine Model)
200V
Recommended Operating Conditions
Input Supply Voltage
10.8V ~ 26.4V
DIM Frequency
200Hz ~ 30KHz
Dimming duty cycle
5% ~ 100%
DIM PIN voltage
0V ~ 5V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com