Electronic Components Datasheet Search
  English  ▼

X  

LD5857GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD5857GS
Description  Boost Controller for LED Backlight
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5857GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD5857GS Datasheet HTML 4Page - Leadtrend Technology LD5857GS Datasheet HTML 5Page - Leadtrend Technology LD5857GS Datasheet HTML 6Page - Leadtrend Technology LD5857GS Datasheet HTML 7Page - Leadtrend Technology LD5857GS Datasheet HTML 8Page - Leadtrend Technology LD5857GS Datasheet HTML 9Page - Leadtrend Technology LD5857GS Datasheet HTML 10Page - Leadtrend Technology LD5857GS Datasheet HTML 11Page - Leadtrend Technology LD5857GS Datasheet HTML 12Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LD5857
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5857-DS-00 April 2014
Current
Sensing
and
Leading-edge
Blanking
The LD5857 detects the primary MOSFET current
across CS pin for the protection of cycle-by-cycle
current limit. The voltage threshold of the current
sensing pin is set at 0.45V maximum. The MOSFET
peak current can be obtained as below.
CS
)
MAX
(
PEAK
R
V
45
.
0
I
A 275ns leading-edge blanking (LEB) time is set in CS
pin to prevent the false-triggering from the current spike.
The R-C filter is eliminable in those low power
applications, for LD5857 features pulse width of the
turn-on spikes below 275ns and the negative spike of
the CS pin below -0.5V.
However, the pulse width of the turn-on spike is
determined according to the output power, circuit design
and PCB layout.
It is strongly recommended to add a
smaller R-C filter for large power application to avoid CS
pin from being damaged by the negative turn-on spike.
CS
Removable if the negative
Spike is not over spec (-0.5V)
DRV
275ns
blanking
time
OCP
Signal
RCS
0.45V
Fig. 9
Select a proper value of VRCS according to the below
equation to avoid the output power from being clamped
due to the limit of VCOMP_CLAMP.
V
5
.
3
)
R
I
3
(
)
Duty
3
.
1
(
5
.
1
CS
)
Peak
(
L
(%)
x3
Sense
Amplifier
EA
VSLOPE
VCOMP_clamp=3.5V
S
RCS
CS
COMP
FB
Fig. 10
Thermal Protection
Thermal protection limits the whole power dissipation in
this device. When the junction temperature reaches
150
C, the thermal sensor will send a signal of
shutdown logic to disable the device and would not
resume operation unless
the IC’s junction temperature
cools down for 30°C
PCB Layout Guideline
It’s recommended to separate the high frequency
switching current from the low-level control signals in
layout. The high switching current (MOSFET, inductor,
gate driver and FB return ends) may disturb the
low-level signals in the feedback loop and protection
circuitry. As a result, it may cause the control function to
behave abnormally. To avoid these side effects, a few
guidelines are recommended for the PCB layout as
below.
1. Route the VIN bypass capacitor and the signal
ground close to the IC as possible. The traces
between capacitor and VIN pin should be short as
possible to avoid noise interference.
2. Use broader traces for VIN, VOUT and power
ground. Those components connected to VIN,
VOUT and power ground carry high input/output
current, such as power MOSFET and decoupling
capacitors. To minimize power loss in these traces,
the resistance of traces should be kept as low as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com