Electronic Components Datasheet Search
  English  ▼

X  

LD5857GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5857GS
Description  Boost Controller for LED Backlight
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5857GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5857GS Datasheet HTML 1Page - Leadtrend Technology LD5857GS Datasheet HTML 2Page - Leadtrend Technology LD5857GS Datasheet HTML 3Page - Leadtrend Technology LD5857GS Datasheet HTML 4Page - Leadtrend Technology LD5857GS Datasheet HTML 5Page - Leadtrend Technology LD5857GS Datasheet HTML 6Page - Leadtrend Technology LD5857GS Datasheet HTML 7Page - Leadtrend Technology LD5857GS Datasheet HTML 8Page - Leadtrend Technology LD5857GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LD5857
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5857-DS-00 April 2014
Electrical Characteristics
(VCC=12V, TA=25C, unless otherwise noted.)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNITS
Input Power (VCC)
Turn On Level
UVLO(on)
UVLO_ON
8.7
V
Turn Off Level
UVLO(off)
UVLO_OFF
7
V
Shutdown Current
DIM=Low, over 30ms
IOFFVIN
40
A
Operating Current
DIM=High,
Switching at no load
IQVIN
5
mA
Boost Converter
Switching Frequency
FSW
180
200
220
KHz
Boost Maximum Duty Cycle
Switching frequency=200KHz
DMAX
85
90
95
%
DRV Gate Drive
Source current, VIN=12V
CR_DRV
1.2
A
Sink current, VIN=12V
CF_DRV
1.3
A
DRV Output High Clamp Level
VCC=24V
DRV_H
12
V
DRV pin Rising Time
DRV pin load=1nF
TR_DRV
75
ns
DRV pin Falling Time
DRV pin load=1nF
TF_DRV
75
ns
COMP clamp voltage
VCOMP
3.8
V
Feedback (FB)
Reference Voltage
VFB
0.291
0.3
0.309
V
Tolerance of Reference Voltage
-3.0
3.0
%
PWM Dimming (DIM)
DIM Voltage threshold
Enable
VDIM_H
2.5
V
Disable
VDIM_L
1
V
Resistance from DIM pin to GND
R_DIM
150
K
PWM dimming Frequency
200
30K
Hz
Dimming Duty-Cycle
5
100
%
Shutdown Recover Delay Time
(TDOWN)
TRSD
21
ms
Current Sensing (CS)
Current Sense Input Threshold
Voltage
VCS
0.4
0.45
0.5
V
LEB time
T_LEB
275
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com