Electronic Components Datasheet Search
  English  ▼

X  

LD5857GS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5857GS
Description  Boost Controller for LED Backlight
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5857GS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5857GS Datasheet HTML 1Page - Leadtrend Technology LD5857GS Datasheet HTML 2Page - Leadtrend Technology LD5857GS Datasheet HTML 3Page - Leadtrend Technology LD5857GS Datasheet HTML 4Page - Leadtrend Technology LD5857GS Datasheet HTML 5Page - Leadtrend Technology LD5857GS Datasheet HTML 6Page - Leadtrend Technology LD5857GS Datasheet HTML 7Page - Leadtrend Technology LD5857GS Datasheet HTML 8Page - Leadtrend Technology LD5857GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LD5857
4/15/2014
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5857-DS-00 April 2014
Boost Controller for LED Backlight
REV: 00
General Description
The LD5857 is a wide-input asynchronous current mode
boost controller, capable to operate in the range between
9V and 28V and to generate 12V of voltage to the GATE
pin of MOSFET to reduce thermal loss. The current mode
control architecture enhances transient response and
simplifies the loop compensation. The DIM input enables
the brightness control for LED Backlight or LED lighting.
The device also features internal slope compensation,
input voltage under-voltage lockout, output voltage short
circuit protection, cycle-by-cycle current limit and thermal
shutdown protection.
Features
Wide Input Range: 9V to 28V
Current Mode Control
0.3V LED Feedback Current Sensing Reference
Fixed Switching Frequency
Cycle-by-Cycle Current Limit
Over Temperature Protection
High performance of Dimming Linearity.
Programmable PWM Dimming Input and Analog
Dimming Output with Software Control
Applications
LED TV Backlight
LED Monitor Backlight
LED lighting
Typical Application
VCC
DRV
CS
DIM
OVP
FB
COMP GND
VIN
VOUT
RCS
LD5857
5
1
4
6
3
8
2
VCC
7
RA
RB
RFB
COVP
Application circuit


Similar Part No. - LD5857GS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5850 LEADTREND-LD5850 Datasheet
398Kb / 11P
Boost Controller for LED Backlight
LD5850GS LEADTREND-LD5850GS Datasheet
398Kb / 11P
Boost Controller for LED Backlight
More results

Similar Description - LD5857GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308 Datasheet
271Kb / 4P
ML0308 Backlight LED Boost Converter
logo
ON Semiconductor
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
Global Mixed-mode Techn...
G5996 GMT-G5996 Datasheet
118Kb / 1P
LED Backlight Controller
logo
ON Semiconductor
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
logo
Leadtrend Technology
LD5850 LEADTREND-LD5850 Datasheet
398Kb / 11P
Boost Controller for LED Backlight
LD5861 LEADTREND-LD5861 Datasheet
505Kb / 11P
Boost Controller for LED Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com