Electronic Components Datasheet Search
  English  ▼

X  

LD5857GS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD5857GS
Description  Boost Controller for LED Backlight
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5857GS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD5857GS Datasheet HTML 4Page - Leadtrend Technology LD5857GS Datasheet HTML 5Page - Leadtrend Technology LD5857GS Datasheet HTML 6Page - Leadtrend Technology LD5857GS Datasheet HTML 7Page - Leadtrend Technology LD5857GS Datasheet HTML 8Page - Leadtrend Technology LD5857GS Datasheet HTML 9Page - Leadtrend Technology LD5857GS Datasheet HTML 10Page - Leadtrend Technology LD5857GS Datasheet HTML 11Page - Leadtrend Technology LD5857GS Datasheet HTML 12Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LD5857
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5857-DS-00 April 2014
Application Information
Operation Overview
The LD5857 is designed for current-mode control power
converters. It features current-mode control, including
cycle-by cycle current limit and the simplified loop
compensation.
Output Drive Stage
An output stage of a CMOS buffer, with typical driving
capability of 1.2A/-1.3A, is incorporated to drive the
power MOSFET directly.
The output voltage is
clamped at 12V to protect the MOSFET gate even when
the VCC voltage rises over 12V.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage across the VCC pin. It would turn on the LD5857
as it detects there
’s enough supply voltage to drive the
power MOSFET.
As shown in Fig. 7, a hysteresis is
built in to prevent shutdown from the voltage dip during
start up.
The turn-on and turn-off threshold level are
set at 10.0V and 8V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
Shutdown Current
(~uA)
Operating Current
(~ mA)
Fig. 7
LED Open Protection and OVP Trip Point
If there’s open in LED string, VOUT will start to boost up
OVP voltage. Once it rises over the threshold of around
2.0V, the MOSFET will disable drive output (DRV).
B
A
B
OVP
R
R
R
2.0
V
Place the bypass capacitor (COVP) between OVP and
signal ground as close as possible. It
’s superior to
suppress the noise and protect OVP from abnormal
condition.
Programming the LED Current
Select a proper external current sense resistor (RFB, see
below parameter) to set the LED current.
LED
FB
I
V
3
.
0
R
Dimming Output of LED Current
The output current can be achieved by applying a PWM
signal to DIM pin, the brightness is adjusted in direct
proportion to the width of duty cycles. This frequency of
input signal varies in the range from 200Hz to 30KHz .
Also the LD5857 can program analog diming with
software
control.
The
dimming linearity
offset
is
approaching to 1%( typ.).
DIM Freq.=20KHz
CCOMP=1uF
DIM pin Duty Cycle
Fig8. The Curve between LED Current and DIM duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com