Electronic Components Datasheet Search
  English  ▼

X  

FP8202 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP8202
Description  2A Switch-Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8202 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP8202 Datasheet HTML 1Page - Feeling Technology Corp. FP8202 Datasheet HTML 2Page - Feeling Technology Corp. FP8202 Datasheet HTML 3Page - Feeling Technology Corp. FP8202 Datasheet HTML 4Page - Feeling Technology Corp. FP8202 Datasheet HTML 5Page - Feeling Technology Corp. FP8202 Datasheet HTML 6Page - Feeling Technology Corp. FP8202 Datasheet HTML 7Page - Feeling Technology Corp. FP8202 Datasheet HTML 8Page - Feeling Technology Corp. FP8202 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FP8202
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
4/16
Pin Descriptions
SOP-8L (EP)
VBAT
1
2
3
4
8
7
6
5
LX
GND
VS
TOP View
VCC
EN
EP
Bottom View
CHRG
STDBY
DFN-10L (EP)
Name
No. I / O
Description
LX
1
I
Switch node and inductor connection pin
GND
2
P
IC Ground
VS
3
I
Charge current-sense input
VBAT
4
P
Battery Voltage
EN
5
I
Enable Control
STDBY
6
O
Charge State Indicator2
CHRG
7
O
Charge State Indicator1
VCC
8
P
Supply Voltage
EP
9
P
Exposed PAD-Must connect to Ground
Name
No. I / O
Description
LX
1
I
Switch node and inductor connection pin
GND
2
P
IC Ground
VS
3
I
Charge current-sense input
VBAT
4
P
Battery Voltage
TEMP
5
I
Battery Temperature Detector
RTRICK
6
I
CC Charge Current Setting & Monitor
EN
7
I
Enable Control
STDBY
8
O
Charge State Indicator2
CHRG
9
O
Charge State Indicator1
VCC
10
P
Supply Voltage
EP
11
P
Exposed PAD-Must connect to Ground
EP
Top View
Bottom View
EP
TEMP
LX
GND
VS
VBAT
VCC
EN
RTRICK
STDBY
CHRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com