Electronic Components Datasheet Search
  English  ▼

X  

FP8202 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP8202
Description  2A Switch-Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8202 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP8202 Datasheet HTML 7Page - Feeling Technology Corp. FP8202 Datasheet HTML 8Page - Feeling Technology Corp. FP8202 Datasheet HTML 9Page - Feeling Technology Corp. FP8202 Datasheet HTML 10Page - Feeling Technology Corp. FP8202 Datasheet HTML 11Page - Feeling Technology Corp. FP8202 Datasheet HTML 12Page - Feeling Technology Corp. FP8202 Datasheet HTML 13Page - Feeling Technology Corp. FP8202 Datasheet HTML 14Page - Feeling Technology Corp. FP8202 Datasheet HTML 15Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FP8202
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
11/16
Manual shutdown
At any point in the charge cycle, the FP8202 can be put into shutdown mode when put the EN pin
to the low-level voltage. This reduces the battery drain current to about to 2uA and the supply current to
less than 55uA.
Automatic Recharge
Once the charge cycle is terminated, the FP8202 continuously monitors the voltage on the BAT
pin using a comparator with a 1.8ms filter time (TRECHARGE). A charge cycle restarts when the battery
voltage falls below 4.05V (which corresponds to approximately 80% to 90% battery capacity).This
ensures that the battery is kept at or near a fully charged condition and eliminated the need for periodic
charge cycle initiations. CHRG output enters a strong pull-down state during recharge cycles.
Programming Trickle Charge Current
If the battery voltage is below the trickle charge threshold, the FP8202 delivers a small current
to charge the battery until the battery voltage reaches the fast charge threshold value. the trickle
charge current is set by the external resistor RTRICK. For applications that do not need to set the trickle
charge current, short the RTRICK pin to the GND. The FP8202 supplies approximately 1/10 the
programmed charging current to bring the battery voltage up to a safe level. The trickle charge current
value can be calculated with following equation:
ITRICK =
Rtrick
+
k
400
Rtrick
+
k
40
x ICHG
Vref
VTRICK
360k
40k
RTRICK
RTRICK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com