Electronic Components Datasheet Search
  English  ▼

X  

FP8202 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP8202
Description  2A Switch-Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8202 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP8202 Datasheet HTML 8Page - Feeling Technology Corp. FP8202 Datasheet HTML 9Page - Feeling Technology Corp. FP8202 Datasheet HTML 10Page - Feeling Technology Corp. FP8202 Datasheet HTML 11Page - Feeling Technology Corp. FP8202 Datasheet HTML 12Page - Feeling Technology Corp. FP8202 Datasheet HTML 13Page - Feeling Technology Corp. FP8202 Datasheet HTML 14Page - Feeling Technology Corp. FP8202 Datasheet HTML 15Page - Feeling Technology Corp. FP8202 Datasheet HTML 16Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FP8202
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
13/16
L1
D1
1
C1
FP8202
3
2
RS
C3
C2
4
BAT
GND
8
5
VIA to Vcc
Vcc
6
7
R1
SOP-8L (EP)
Suggested Layout
L1
D1
1
C1
FP8202
3
2
RS
C3
C2
BAT
GND
10
7
VIA to Vcc
Vcc
8
9
R1
4
5
6
DFN-10L (EP)
Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com