Electronic Components Datasheet Search
  English  ▼

X  

FP8202 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP8202
Description  2A Switch-Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8202 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP8202 Datasheet HTML 1Page - Feeling Technology Corp. FP8202 Datasheet HTML 2Page - Feeling Technology Corp. FP8202 Datasheet HTML 3Page - Feeling Technology Corp. FP8202 Datasheet HTML 4Page - Feeling Technology Corp. FP8202 Datasheet HTML 5Page - Feeling Technology Corp. FP8202 Datasheet HTML 6Page - Feeling Technology Corp. FP8202 Datasheet HTML 7Page - Feeling Technology Corp. FP8202 Datasheet HTML 8Page - Feeling Technology Corp. FP8202 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FP8202
2A Switch-Mode Li-Ion Battery Charger
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
1/16
General Description
The FP8202 is a highly integrated switch-mode Li-Ion Battery Charger. With few external
components, FP8202 is well suited for a wide range of portable applications. Charging current can be
programmed by an external current sensing resistor. With 600KHz switching frequency, FP8202 can
use of small external components. Other features include UVLO, automatic recharge, charge status
indicators and battery temperature monitor.
Features
 Up to 2A Programmable Charge Current
 No external MOSFET, Sense Resistor, or Blocking Diode Required
 Switch-model Charger for single cell Li-Ion Batteries
 Preset Charge Voltage with ±1% Accuracy
 Automatic Recharge
 2.9V Trickle Charge Voltage
 C/10 Charge Termination
 Thermal Protection
 Charge Status Indicators for No Battery and Charge Failure Display
Applications
 Portable Information Appliances
 Charging Docks & Cradles
 Cellular Phones & PDAs
 Handheld Computers
Typical Application Circuit
FP8202
LX
VCC
CHRG
VBAT
GND
VS
+
+
+
VIN
LI-Ion
BAT+
2
EN
STDBY
FP8202
LX
VCC
EN
CHRG
STDBY
VBAT
RTRICK
GND
VS
TEMP
+
+
+
NTC
VIN
LI- Ion
BAT+
SOP-8L (EP)
DFN-10L (EP)


Similar Part No. - FP8202

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
FP8203dR-G1 FEELING-FP8203dR-G1 Datasheet
654Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
FP8203XR-G1 FEELING-FP8203XR-G1 Datasheet
654Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
More results

Similar Description - FP8202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
Switch Mode Li-Ion/Polymer Battery Charger
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
High Efficiency 2A Li-Ion Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8209 EUTECH-EUP8209 Datasheet
761Kb / 1P
Switch Mode Li-Ion/Polymer Battery Charger
logo
Feeling Technology Corp...
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
Standalone Li-Ion Switch Mode Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com