Electronic Components Datasheet Search
  English  ▼

X  

FP8202 Datasheet(PDF) 15 Page - Feeling Technology Corp.

Part # FP8202
Description  2A Switch-Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8202 Datasheet(HTML) 15 Page - Feeling Technology Corp.

Back Button FP8202 Datasheet HTML 8Page - Feeling Technology Corp. FP8202 Datasheet HTML 9Page - Feeling Technology Corp. FP8202 Datasheet HTML 10Page - Feeling Technology Corp. FP8202 Datasheet HTML 11Page - Feeling Technology Corp. FP8202 Datasheet HTML 12Page - Feeling Technology Corp. FP8202 Datasheet HTML 13Page - Feeling Technology Corp. FP8202 Datasheet HTML 14Page - Feeling Technology Corp. FP8202 Datasheet HTML 15Page - Feeling Technology Corp. FP8202 Datasheet HTML 16Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
FP8202
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
15/16
Package Outline
SOP-8L (EP)
UNIT: mm
Exposed PAD Dimensions:
Note:
1.
Package dimensions are in compliance with JEDEC outline: MS-012 AA.
2.
Dimension ”D” does not include molding flash, protrusions or gate burrs.
3.
Dimension “E” does not include inter-lead flash or protrusions.
Symbols
Min. (mm)
Max. (mm)
A
1.346
1.752
A1
0.050
0.152
A2
1.498
D
4.800
4.978
E
3.810
3.987
H
5.791
6.197
L
0.406
1.270
θ°
0°
8°
Symbols
Min. (mm)
Max. (mm)
E1
1.94
2.29
D1
1.94
2.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com