Electronic Components Datasheet Search
  English  ▼

X  

TM1913 Datasheet(PDF) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1913
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1913 Datasheet(HTML) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1913 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
©Titan Micro Electronics
www.titanmec.com
V1.1
3 通道 LED 恒流驱动专用电路
TM1913
D1 D2 D3 D4 … Dn
Reset
D1 D2 D3 D4
Dn
Reset
D2 D3 D4 … Dn
Reset
D2 D3 D4
Dn
Reset
D3 D4 … Dn
Reset
D3 D4
Dn
Reset
D4 … Dn
Reset
D4
Dn
Reset
…
…
…
…
数据刷新周期1
数据刷新周期2
S3
S4
S1
S2
图6
芯片级联时数据接收和转发过程如下:控制器发送数据包D1,芯片1接收第一组24bit,此时芯片1
无转发;然后控制器发送数据包D2,芯片1接收第二组24bit,由于芯片1已经存有第一组24bit,因此,
芯片1通过DO把第二组24bit转发给芯片2,芯片2接收芯片1转发来的数据包D2,此时 芯片2无转发;然后
控制器发送数据包D3,芯片1又把接收到的第三组24bit转发给芯片2,由于芯片2已经存有第二组24bit,
因此,芯片 2又把第三组24bit转发给芯片3,芯片3接收到第三组24bit;依此类推,级联的所有芯片将得
到各自的显示数据。此时如果控制器发送一个Reset信号,所有芯片将会复位并把各自接收到的24bit
数据解码后控制OUT端口输出,完成一个数据刷新周期,芯片又回到接收准备状态。Reset高电平有效,
保持高电平时间大于200μs,芯片复位,但需注意高电平时间不应大于20000μs,否则芯片有可能切换
至内控模式。
应用信息
1、典型应用电路
控制器
TM1913
DIN
OUTR
OUTB
DO
IC1
DC
Di
VDD
GND
DC
VCC
GND
VCC
NEXT
104
OUTG
R1
100R
100R
RR
DC
RG
DC
RB
TM1913
DIN
OUTR
OUTB
DO
IC2
DC
VDD
GND
DC
104
OUTG
R2
100R
RR
DC
RG
DC
RB
TM1913
DIN
OUTR
OUTB
DO
ICn
DC
VDD
GND
DC
104
OUTG
Rn
100R
RR
DC
RG
DC
RB
...
图7
为防止产品在测试时带电插拔产生的瞬间高压导致芯片信号输入输出引脚损坏,应该在信号输入及
输出脚串接 100Ω保护电阻。此外,图中各芯片的 104 退耦电容不可缺少,且走线到芯片的 VDD 和 GND
脚应尽量短,以达到最佳的退耦效果,稳定芯片工作。



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com