Electronic Components Datasheet Search
  English  ▼

X  

TM1913 Datasheet(PDF) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1913
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1913 Datasheet(HTML) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1913 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
©Titan Micro Electronics
www.titanmec.com
V1.1
3 通道 LED 恒流驱动专用电路
TM1913
特性描述
TM1913是具有内控同步功能的三通道LED固定18mA恒流驱动IC,信号输入断开后实现同步固定七彩
花样变化,可防止芯片损坏导致的后续级联芯片不工作。同时适合制作全内控灯条,无需控制器。芯片
内部集成有MCU固化程序和单线数字接口、数据锁存器、LED恒流驱动等电路。VDD引脚内部集成5V稳压
管,外围器件少。适用于护栏管、点光源等LED装饰类产品。本产品性能优良,质量可靠。
功能特点
采用功率CMOS工艺
OUT输出端口耐压24V
VDD内置5V稳压管,串接电阻后电压支持6~24V
固定恒流输出18mA
PWM辉度控制电路,256级辉度可调
精确的电流输出值
(通道与通道)最大误差:±3%
(芯片与芯片)最大误差:±5%
单线串行级联接口
振荡方式:内置RC振荡并根据数据线上信号进行时钟同步,在接收完本单元的数据后能自动将
后续数据再生并通过数据输出端发送至下级,信号不随级联变远而出现失真或衰减
内置上电复位电路,上电复位后所有寄存器初始化为零
外控模式数据传输速率800KHz
内控模式数据传输速率500KHz
内控模式芯片发送数据2048点
封装形式:SOP8
内部结构框图
串行解码
内控模块
整形转发
恒流输出
OSC
VDD
GND
DIN
VDD
GND
DO
OUTR
OUTG
OUTB
图1


Similar Part No. - TM1913

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1912 TITAN-TM1912 Datasheet
275Kb / 9P
LED
TM1914A TITAN-TM1914A Datasheet
317Kb / 10P
TM1914A
TM1918 TITAN-TM1918 Datasheet
594Kb / 8P
LED
More results

Similar Description - TM1913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com