Electronic Components Datasheet Search
  English  ▼

X  

TM1913 Datasheet(PDF) 8 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1913
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1913 Datasheet(HTML) 8 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1913 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1913 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
©Titan Micro Electronics
www.titanmec.com
V1.1
3 通道 LED 恒流驱动专用电路
TM1913
5、如何使TM1913工作在最佳恒流状态
TM1913为恒流驱动,根据恒流曲线可知,当OUT端口电压达到0.8V就会进入恒流状态。但并非电压
越高越好,电压越高,芯片的功耗就越大,发热也越严重,降低整个系统的可靠性。建议OUT端口开通
时电压在1.2~3V之间较为合适,可以通过串接电阻的方式来降低OUT端口过高的电压。以下是选用电阻
阻值的计算方式:
系统驱动电压:DC
单个LED导通压降:Vled
串联LED个数:n
恒流值:Iout
恒流电压:1.5V
电阻:R
R=(DC-1.5V -Vled×n)÷ Iout
例:系统供电:DC24V,单个LED导通压降:2V,串联LED个数:6,恒流值:18mA,根据上述公式计
算可得:R=(24V-1.5V-6V×2)÷18 mA≈583Ω,只需在OUT端口串联583Ω左右的电阻即可。
6、如何使用TM1913扩流
TM1913每个OUT端口恒定输出18mA电流,如果用户需要扩大驱动电流,可将RGB三个OUT端口短接后
使用,每短接一个OUT端口,最大恒流值将增加18mA,将三个OUT端口全部短接后最大恒流值可达54mA。
此方法需软件同时配合控制,分别写三组寄存器值,即可实现精确的电流控制和较大的驱动电流。
DIN
DO
GND
VDD
DC
DC
OUTR
OUTG
OUTB
级联上级
级联下级
LED
图9
恒流曲线
将 TM1913 应用到 LED 产品设计上时,通道间甚至芯片间的电流差异极小,当负载端电压发生变化
时,其输出电流的稳定性不受影响,恒流曲线如下图所示:
图10
OUT 驱动 U-I曲线
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OUT 端口电压:V
OUTR
OUTG
OUTB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com