Electronic Components Datasheet Search
  English  ▼

X  

LNK708 Datasheet(PDF) 6 Page - Linkage Goston Electronics Co., LTD

Part # LNK708
Description  HIgh-PrecIsIon ProxImIty Feedback Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK708 Datasheet(HTML) 6 Page - Linkage Goston Electronics Co., LTD

  LNK708 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
接上页
符号
参数说明
条件
最小
典型
最大
单位
功率管
VBV
功率管击穿电压
Vgs=0,IDS=250μA
650
-
-
V
IDISS
功率管漏电流
Vgs=0,VDS=650V
-
-
10
μA
RON
功率管导通电阻
VGS=10V
ID=0.4A
-
15
19
Ω
VGS=10V
ID=0.75A
-
9
13
Ω
4、典型应用线路与应用说明
高精度原边反馈LED 恒流驱动芯片LNK708 L2014-06-K
- 6 -
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK708
LNK708
LNK508



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com