Electronic Components Datasheet Search
  English  ▼

X  

LNK708 Datasheet(PDF) 2 Page - Linkage Goston Electronics Co., LTD

Part # LNK708
Description  HIgh-PrecIsIon ProxImIty Feedback Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK708 Datasheet(HTML) 2 Page - Linkage Goston Electronics Co., LTD

  LNK708 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2、功能框图与引脚说明
2. 1、功能框图
R
Q
S
Vref = 500mV
M1
VDD
VTH+
VTH-
POR
LVDD
D
CS
Vref
GND
LVDD
2. 2、功能描述
是
LED 恒流驱动芯片,集成 650V 高压功率管,采用原边反馈控制技术,无
需光耦等次级反馈环路,具有高精度的
LED 恒流输出,极大的节约了成本。
2.2.1、启动和 VDD 欠压保护
系统上电后,交流电经过全桥整流后的线电压通过启动电阻给
VDD 引脚上的电容充
电。当
VDD 上升到大于 VDD 开启电压后,系统开始进入正常工作状态。当 VDD 下降到
低于
VDD 关断电压后系统停止工作,并进入下一个启动周期。
2.2.2、恒流控制
采用特有的电流控制方式,通过原边反馈精确地控制
LED 输出电流。LED 输
出电流通过以下公式计算:
CS
ref
R
V
N
Io
×
×
=
4
其中:
N 为原边绕组和次级绕组匝数比
高精度原边反馈LED 恒流驱动芯片LNK708 L2014-06-K
- 2 -
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK708
LNK708



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com