Electronic Components Datasheet Search
  English  ▼

X  

LNK708 Datasheet(PDF) 1 Page - Linkage Goston Electronics Co., LTD

Part # LNK708
Description  HIgh-PrecIsIon ProxImIty Feedback Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK708 Datasheet(HTML) 1 Page - Linkage Goston Electronics Co., LTD

  LNK708 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK708 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1、概述
是一款离线式小功率
AC/DC 开关电源的高精度原边反馈 LED 恒流驱动电
路,内部集成
650V 高压功率管,适应于 85V-265Vac 全范围输入反激式隔离 LED 恒流
驱动。通过原边控制实现恒流,无需变压器辅助绕组检测和供电,即可实现高精度的
LED
恒流输出,降低成本。
内部集成了多重保护功能来加强系统的稳定性和可靠性,包括
VDD 欠压保
护,
LED 开路/短路保护,CS 电阻短路保护,芯片过温保护等,进入保护状态后电路自
动重启。
其特点如下:
● 两绕组原边控制实现恒流;
● 内部集成 650V 高压功率 MOSFET;
● 宽电压 85Vac~265Vac 内实现高精度 LED 输出电流;
● ±5% LED 输出电流精度;
● 低静态功耗;
● 电感电流断续模式;
● 内置前沿消隐电路(LEB);
● 输出短路/开路保护;
● 电流采样电阻短路保护;
● 电源过压/欠压保护;
● 过温保护;
● 封装形式:SOP8
高精度原边反馈LED 恒流驱动芯片LNK708
LNK708
L2014-06-K
- 1 -
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK708
LNK708


Similar Part No. - LNK708

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNK NICHICON-LNK Datasheet
666Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Linkage Goston Electron...
LNK0265A LINKAGE-LNK0265A Datasheet
4Mb / 7P
AC / DC PWM power switch
LNK0265B LINKAGE-LNK0265B Datasheet
4Mb / 6P
AC / DC PWM power switch
LNK203A LINKAGE-LNK203A Datasheet
4Mb / 6P
Low power off-line switch power control chip
logo
Nichicon corporation
LNK2G102MSEF NICHICON-LNK2G102MSEF Datasheet
666Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNK708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
Precision Feedback Controllers Fixed and PTAT references
logo
Analog Devices
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
logo
Generalplus Technology ...
GPDS301A GENERALPLUS-GPDS301A Datasheet
321Kb / 10P
Voice Engine
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8207 TPOWER-TP8207 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8220 TPOWER-TP8220 Datasheet
569Kb / 6P
High precision primary feedback LED constant current driver chip
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
logo
Wuxi Chipown Micro-elec...
PN8359 CHIPOWN-PN8359 Datasheet
243Kb / 5P
High-precision CC/CV primary-side feedback AC-DC converter
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com