Electronic Components Datasheet Search
  English  ▼

X  

FS5908 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
FS5908
Rev. 1.2
6/22
8.
Typical Application Circuit
Inter r upt Input Pi n
Or
Gener al Input Pi n
VDD (2.5V~5.5V)
CPU
(μ -processor)
VDDup
10K Ω
VDDup
10K Ω
VSS
10K Ω
1
2
3
4
8
7
6
5
A0
SCL
CS
VSS
SDA
ALARM
VDD
NC
ApplicationⅠ:
Microprocessor controls Circuit
When control FS5908 by microprocessor, the SDA terminal of the microprocessor must be open drain
double-way I/O pin.
1
2
3
4
8
7
6
5
A0
SCL
CS
VSS
SDA
ALARM
VDD
NC
VCC (12V)
12V 300mA
Fan Motor
VS S
VDD (2.2V~5.5V)
VDDup
VDDup
CPU
(μ-processor)
10KΩ
10KΩ
10KΩ
10KΩ
ApplicationⅡ:
Control Fan Motor via Microprocessor
Digital Temperature Sensor: Able to combine with any CPU and Microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com