Electronic Components Datasheet Search
  English  ▼

X  

FS5908 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
FS5908
Rev. 1.2
7/22
f loat ing
VDD(2.5V~5.5V)
He at er
Heat er
Po we r
VD D
VS S
1
2
3
4
8
7
6
5
A0
SCL
CS
VSS
SDA
ALARM
VDD
NC
10KΩ
2N 3904
ApplicationⅢ:
Setup the heater to heat in 75°C (TLowLim = 75℃), and close if the temperature is higher than
80℃ (TUpLim = 80℃).
Thermal Watchdog: Such as heater, refrigerator and various environment monitor.
9.
Absolute Maximum Ratings
Supply Voltage
----------------------------------------------------------------------------------------------------------0.3V to 5.5V
Voltage at any Pin
----------------------------------------------------------------------------------------0.3V to (VDD+0.3)V
Input Current at any Pin (Note 2)
------------------------------------------------------------------------------------------- 5mA
Package Input Current (Note 2)
-----------------------------------------------------------------------------------------20mA
ALARM Output Sink Current ------------------------------------------------------------------------------------------------- 10mA
ALARM Output Voltage ---------------------------------------------------------------------------------------------------------- 5.5V
Storage Temperature
-----------------------------------------------------------------------------------------------65℃ to 150℃
Soldering Information, Lead Temperature
Vapor Phase (60 seconds)------------------------------------------------------------------------------------------------------215℃
Infrared (15 seconds)
----------------------------------------------------------------------------------------------------------220℃
ESD Susceptibility (Note 3)
Human Body Mode-------------------------------------------------------------------------------------------------------------- 2000V
Machine Mode
-------------------------------------------------------------------------------------------------------------------200V
10. Operating Ratings
Specified Temperature Range (Note 4)
----------------------------------------------------------------------55℃ to 125℃
Supply Voltage Range (VDD) ---------------------------------------------------------------------------------------2.5V to 5.5V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and
AC electrical specifications do not apply when operating the device beyond its rated operating conditions.
Note 2:
When the input voltage (Vi) at any pin exceeds the power supply (Vi<GND or Vi>+Vs) the current at
that pin should be limited to 5mA. The 20mA maximum package input current rating limits the number of pins
that can safely exceed the power supplies with an input current of 5mA to four.
Note 3:
Human body model, 100pF discharged through a 1.5K Ω resistor. Machine model, 200pF
discharged directly into each pin.
Note 4:
FS5908θIA (thermal resistance, junction-to-ambient) is 0.125℃/mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com