Electronic Components Datasheet Search
  English  ▼

X  

FS5908 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
FS5908
Rev. 1.2
9/22
12.2 I
2C Digital Switching Characteristics
(Unless otherwise noted, these specifications apply for VDD = 3.0V (Note 5). Boldface limits apply for TA = TJ =
TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.)
The switching characteristics of the FS5908 fully meet or exceed the published specifications of the I
2C Bus.
The following parameters are the timing relationships between SCL and SDA signals related to the FS5908.
They are not the I
2C bus specifications.
Symbol
Parameter
Test Conditions
Min
(Note6)
Typ
(Note10)
Max
(Note6)
Unit
t1
SCL (Clock) Period
10
100
μs
t2
Data In Set-up Time to SCL High
120
ns
t3
Data Out Stable after SCL Low
40
ns
t4
SDA Low Set-Up Time to SCL Low
(Start Condition)
120
ns
t5
SDA High Hold Time after SCL High
(Stop Condition)
0
ns
t1
t4
t2
t3
t5
SCL
SDA
Data in
SDA
Data out
Note 5:
FS5908 will operate properly over the +Vs supply voltage range from 2.5V to 5.5V. The devices are
tested and specified for rated accuracy at their normal supply voltage, Accuracy will typically degrade 0.15℃/V
of variation in VDD.
Note 6:
Limits are guaranteed to Fortune AOQL (Average Outgoing Quality Level)
Note 7:
This specification is provided only to indicate how often temperature data is updated. The FS5908
can be read at any time without regard to conversion state (and will yield last conversion result). If a conversion
is in process it will be stopped and restarted after the end of the read.
Note 8:
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with
internal heating. This can cause an error of 0.25℃ at full rated sink current and saturation voltage based on
junction-to-ambient thermal resistance.
Note 9:
ALARM Delay is user programmable up to 8 over limit conversions before O.S. is set to minimize
false tripping in noisy environments.
Note 10:
Typical are at TA=25℃ and represent most likely parametric norm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com