Electronic Components Datasheet Search
  English  ▼

X  

FS5908 Datasheet(PDF) 16 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 16 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 20Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
FS5908
Rev. 1.2
16/22
14.2 Control Register (Pointer=01h, Readable and Writable)
Pointer
Name
Type
7
6
5
4
3
2
1
0
h'01
Reg1
R/W
setlowbat rst_alarm set_adco set_arm_cnt<1:0>
arm_inv
int/cmp
shutdown
Reg1<7>=setlowbat:
Low battery warning setup. 0 is 2.4V; 1 is 2.2V.
Reg1<6> (rst_alarm):
When set to 1, alarm, high, low and so on bits and the warning signal of ALARM pin
can be directly cleared; when set to 0, the above signals would be recalculated, and they can be used after
reset the upper and lower bound.
Reg1<5> (set_adco):
When set to 0, the bit is Tdata<10:0> output; when set to 1, it is Te<11:0> output. Please
see 2.1.
Reg1<4:3> (set_arm_cnt<1:0>):
If the temperature exceeds TUpLim or lower than TLowLim, ALARM output standard will be changed. The two bits
decide the necessary continuing trigger times to changes ALARM output standard. (Please see 1.5)
Reg1<2> (arm_inv):
Setup ALARM pin output mode. Please see 1.2.1.
Reg1<1> (int/cmp):
0 is comparison mode; 1 is interrupt mode. Please see 1.2.1.
Reg1<0> (shutdown): Stand-by mode. 0 is normal operation; 1 is stand-by mode. Please see 1.3.
14.3 Upper Bound Register (TUpLim, Pointer=02h) and Lower Bound Register (TLowLim,
Pointer=03h) (Readable and Writable)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TUpLim<10:0>
(NC)
+/-
64℃ 32℃ 16℃ 8℃
4℃
2℃
1℃
0.5℃
0.25℃
0.125℃
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TLowLim<10:0>
(NC)
+/-
64℃ 32℃ 16℃ 8℃
4℃
2℃
1℃
0.5℃
0.25℃
0.125℃
The default values can be programmed in PROM (PROM6, PROM7, and PROM8) before out of factory. When
power on or produce CS, they will be put in default related registers from PROM. The meanings of bits are the
same as the temperature register (For detail, please see “2.1 Temperature Data Format”). When bit<10>=0, it
means the positive (+), and when bit<10>=1, it means the negative (-).
For the upper bound register (TUpLim) and lower bound register (TLowLim), please see the diagram on Page11.
TLowLim <10:0> ← {PROM8 <7:5>, PROM6<7:0>}
TUpLim <10:0> ← {PROM8 <4:2>, PROM7<7:0>}
OTP6 <7:0> ← PROM6 <7:0>
OTP7 <7:0> ← PROM7 <7:0>
OTP8 <7:0> ← PROM8 <7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com