Electronic Components Datasheet Search
  English  ▼

X  

FS5908 Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FS5908
Rev. 1.2
8/22
11. Electrical Characteristics
(Unless otherwise noted, these specifications apply for VDD = 3.0V (Note 5). Boldface limits apply
for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.)
Parameter
Test Conditions
Min (Note6)
Typ (Note10)
Max (Note6)
Unit
Supply Voltage
2.5
3.0
5.5
V
I
2C Inactive
300
450
μA
I
2C Active
330
500
μA
Quiescent Current
Shutdown Mode
3
4
μA
TA = 0℃ to +50℃
±1.0
℃
TA = -25℃ to +100℃
±2.0
℃
Temperature Accuracy
TA = -55℃ to +125℃
±3.0
℃
Temperature Resolution
0.125
℃
Temperature Conversion Time
(Note 7)
105
ms
ALARM Output Saturation
Voltage
IOUT=10mA (Note 8)
0.5
V
ALARM Delay
(Note9)
1
8
Conversions
12. Logic Electrical Characteristics
12.1 Digital DC Characteristics
(Unless otherwise noted, these specifications apply for VDD = 3.0V (Note 5). Boldface limits apply for TA = TJ =
TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
(Note6)
Typ
(Note10)
Max
(Note6)
Unit
VIN(1)
Logical 1 Input Voltage
VDD×0.7
VDD+0.5
V
VIN(0)
Logical 0 Input Voltage
-0.3
VDD×0.3
V
IIN(1)
Logical 1 Input Current
VIN=5V
0.005
1.0
μA
IIN(0)
Logical 0 Input Current
VIN=0V
-0.005
-1.0
μA
CIN
All Digital Inputs
20
pF
IOH
High Level Output Current
VOH=5V
100
μA
VOL
Low Level Output Voltage
IOL=3mA
0.4
V
TOF
Output Fall Time
CL=400pF, I0=3mA
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com