Electronic Components Datasheet Search
  English  ▼

X  

MSM6896 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM6896
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6896 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM6896 Datasheet HTML 22Page - OKI electronic componets MSM6896 Datasheet HTML 23Page - OKI electronic componets MSM6896 Datasheet HTML 24Page - OKI electronic componets MSM6896 Datasheet HTML 25Page - OKI electronic componets MSM6896 Datasheet HTML 26Page - OKI electronic componets MSM6896 Datasheet HTML 27Page - OKI electronic componets MSM6896 Datasheet HTML 28Page - OKI electronic componets MSM6896 Datasheet HTML 29Page - OKI electronic componets MSM6896 Datasheet HTML 30Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
PB tone control
WRITE Mode
Address Data
AD1 = 0, AD0 = 0
Control Data
Output PB Frequency
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
PB
Low
High
Remarks
1
0
1
PBTC
0
0
0
0
00
0
1
00
1
0
00
1
1
01
0
0
01
0
1
01
1
0
01
1
1
10
0
0
10
0
1
10
1
0
10
1
1
11
0
0
11
0
1
11
1
0
11
1
1
XX
X
X
00
1
2
3
A
4
5
6
B
7
8
9
C
*
0
#
D
697 Hz
697 Hz
697 Hz
697 Hz
770 Hz
770 Hz
770 Hz
770 Hz
852 Hz
852 Hz
852 Hz
852 Hz
941 Hz
941 Hz
941 Hz
941 Hz
1209 Hz
1336 Hz
1477 Hz
1633 Hz
1209 Hz
1336 Hz
1477 Hz
1633 Hz
1209 Hz
1336 Hz
1477 Hz
1633 Hz
1209 Hz
1336 Hz
1477 Hz
1633 Hz
Suspends the PB tone
When PBTC = 0, the PB tone is output from the transmit path and the
receive path RPO.
The conditions of internal control signals are MUTN = 0 and NTTC = 0.
When PBTC = 1, the PB tone is output only from the receive path
SPO.
The PB signal is not output from the transmit path.
The conditions of internal control signals are MUTN = 1 and NTTC = 1.
When the initial state is set and the PB tone is suspended,
the conditions of internal control signals are MUTN = 1 and NTTC = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com