Electronic Components Datasheet Search
  English  ▼

X  

MSM6896 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6896
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6896 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6896 Datasheet HTML 1Page - OKI electronic componets MSM6896 Datasheet HTML 2Page - OKI electronic componets MSM6896 Datasheet HTML 3Page - OKI electronic componets MSM6896 Datasheet HTML 4Page - OKI electronic componets MSM6896 Datasheet HTML 5Page - OKI electronic componets MSM6896 Datasheet HTML 6Page - OKI electronic componets MSM6896 Datasheet HTML 7Page - OKI electronic componets MSM6896 Datasheet HTML 8Page - OKI electronic componets MSM6896 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
¡ Semiconductor
MSM6895/6896
4/43
PIN DESCRIPTION
Pin
Symbol
Type
Description
1
LB
DO
Data Latch Output B
2
LC
DO
Data Latch Output C
3
LD
DO
Data Latch Output D
4
SW0
DI
Sounder Tone Select (1)
5
SW1
DI
Sounder Tone Select (2)
6
VDG
—
Digital Ground
7
VAG
—
Analog Ground
8
SA0
DO
Sounder Output (+)
9
SA1
DO
Sounder Output (–)
10
—
—
NC
11
RMI
AI
Receive Main Amp Input
12
—
—
NC
13
RMO0
AO
Receive MainAmp Output (+)
14
RMO1
AO
Receive MainAmp Output (–)
15
SPO
AO
Speaker Pre-Amp Output
16
RPO
AO
Receive Pre-Amp Output
17
R2I
AI
Receive Addition Signal Input
18
R1I
AI
Receive Signal Input
19
—
—
NC
20
—
—
NC
21
TMX2I
AI
Transmit Addtion Signal Input (2)
22
MLDY
AI
Hold Tone Input
23
TPBI
AI
Transmit Pre-Amp (B) Input
24
TMX1I
AI
Transmit Addtion Signal Input (1)
25
TPAI
AI
Transmit Pre-Amp (A) Input
26
VSG
AO
Signal Ground
27
TPAO
AO
Transmit Pre-Amp (A) Output
28
T1O
AO
Transmit Signal Output (1)
29
T2O
AO
Transmit Signal Output (2)
30
—
—
NC
Pin
Symbol
Type
Description
31
—
—
NC
32
VA
—
+5 V Analog Power Supply
33
CAI
AI
Analog Signal Input to CODEC
34
VSGC
AO
Bypass Capacitor for Signal Ground
35
CAO
AO
Analog Signal Output from CODEC
36
TEST
DI
Control Input for Test
37
CK1536
DI
Clock Input for Test
38
CK64
DI
Transmission Colck Input
39
CK8
DI
Frame Synchronous Clock Input
40
LOSS
DO
Howler Tone Control Signal
41
PO0
DO
Key Scanning Signal Output (0)
42
PO1
DO
Key Scanning Signal Output (1)
43
PO2
DO
Key Scanning Signal Output (2)
44
PO3
DO
Key Scanning Signal Output (3)
45
PO4
DO
Key Scanning Signal Output (4)
46
PI0
DI
Key Scanned Data Input (0)
47
PI1
DI
Key Scanned Data Input (1)
48
PI2
DI
Key Scanned Data Input (2)
49
PI3
DI
Key Scanned Data Input (3)
50
PI4
DI
Key Scanned Data Input (4)
51
PI5
DI
Key Scanned Data Input (5)
52
PI6
DI
Key Scanned Data Input (6)
53
PI7
DI
Key Scanned Data Input (7)
54
INTT
DO
Interrupt Output
55
DB0
I/O
Data Bus (0)
56
DB1
I/O
Data Bus (1)
57
DB2
I/O
Data Bus (2)
58
DB3
I/O
Data Bus (3)
59
DB4
I/O
Data Bus (4)
60
DB5
I/O
Data Bus (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com