Electronic Components Datasheet Search
  English  ▼

X  

MSM6896 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6896
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6896 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6896 Datasheet HTML 7Page - OKI electronic componets MSM6896 Datasheet HTML 8Page - OKI electronic componets MSM6896 Datasheet HTML 9Page - OKI electronic componets MSM6896 Datasheet HTML 10Page - OKI electronic componets MSM6896 Datasheet HTML 11Page - OKI electronic componets MSM6896 Datasheet HTML 12Page - OKI electronic componets MSM6896 Datasheet HTML 13Page - OKI electronic componets MSM6896 Datasheet HTML 14Page - OKI electronic componets MSM6896 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
¡ Semiconductor
MSM6895/6896
11/43
PO0, PO1, PO2, PO3, PO4, PO5, PO6, PO7
Key scanning outputs.
These output pins need external pull-up resistors because of their open- drain circuits. Through
processor control, these outputs can be set open or to digital "0". Initially, these outputs are set
at an opened state.
PI0, PI1, PI2, PI3, PI4, PI5, PI6, PI7
Key scanning inputs.
In the READ mode, data on PI0 to PI7 can be read out of the processor via data bus (DB0 to DB7).
INTT
Interrupt signal output to the processor.
INTT outputs interrupt signals (digital "0") at intervals of 8 ms by the interrupt release control
signal from the processor. INTT does not output any signal while no CK8 signal is input.
Interrupt release signal
from processor
INTT output
t < 8 ms
8 ms < t < 16 ms
t < 8 ms
8 ms
16 ms
8 ms
DB0, DB1, DB2, DB3, DB4, DB5, DB6, DB7
Data bus inputs and outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com