Electronic Components Datasheet Search
  English  ▼

X  

MSM6896 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM6896
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6896 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM6896 Datasheet HTML 14Page - OKI electronic componets MSM6896 Datasheet HTML 15Page - OKI electronic componets MSM6896 Datasheet HTML 16Page - OKI electronic componets MSM6896 Datasheet HTML 17Page - OKI electronic componets MSM6896 Datasheet HTML 18Page - OKI electronic componets MSM6896 Datasheet HTML 19Page - OKI electronic componets MSM6896 Datasheet HTML 20Page - OKI electronic componets MSM6896 Datasheet HTML 21Page - OKI electronic componets MSM6896 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
¡ Semiconductor
MSM6895/6896
18/43
AC Characteristics 1 (CODEC) (Continued)
tgd T1
tgd T2
tgd T3
tgd T4
tgd T5
Transmit Group Delay
ms
500
600
1000
2600
2800
0.19
0.12
0.02
0.05
0.08
—
—
—
—
—
0.75
0.35
0.125
0.125
0.75
0*4
tgd R1
tgd R2
tgd R3
tgd R4
tgd R5
Receive Group Delay
ms
500
600
1000
2600
2800
0.0
0.0
0.0
0.09
0.12
—
—
—
—
—
0.75
0.35
0.125
0.125
0.75
0*4
CR T
Transmit Æ Receive
86
66
—
CR R
Receive Æ Transmit
78
70
—
1020
0
Crosstalk Attenuation
dB
4.6 kHz to
72 kHz
Discrimination
DIS
0 to 4000 Hz
–25
32.0
30
—
dB
300 to
3400
Out-of-band Signal
Spurious
S
4.6 kHz to 100 kHz
0
–37.5
—
–35
dBmO
fa = 470
fb = 320
Intermodulation Distortion
IMD
2fa–fb
–4
–52
—
–35
dBmO
PSR T
*5
30
——
PSR R
0 to 50
kHz
100
mVpp
Power Supply Noise
Rejection Ratio
dB
Parameter
Symbol
Condition
Typ.
Unit
Min.
Max.
Freq.
(Hz)
Level
(dBm0)
(VDD = 5 V ±5%, Ta = –10°C to +70°C)
AIN = SG
*1
Nidle T
—
——
*2
–73.5
–71
–70
–69
*1
*3
Nidle R
—
—
—
–77.8
–74
Idle Channel Noise
dBmOp
AV T
0.5671
0.6007
0.6363
AV R
0.5671
0.6007
0.6363
1020
0
Vrms
Absolute Amplitude
A to A
CK64 = 64 kHz
Absolute Delay Time
Td
1020
0
—
0.58
0.60
ms
Transmit CODEC
Receive CODEC
Notes:
*1 Psophometric filter is used
*2 Upper is specified for the MSM6895, lower for the MSM6896
*3 PCM data for MSM6895: All "1"
PCM data for MSM6896: "11010101"
*4 Minimum value of the group delay distortion
*5 The measurement under idle channel noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com