Electronic Components Datasheet Search
  English  ▼

X  

MSM6896 Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM6896
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6896 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM6896 Datasheet HTML 13Page - OKI electronic componets MSM6896 Datasheet HTML 14Page - OKI electronic componets MSM6896 Datasheet HTML 15Page - OKI electronic componets MSM6896 Datasheet HTML 16Page - OKI electronic componets MSM6896 Datasheet HTML 17Page - OKI electronic componets MSM6896 Datasheet HTML 18Page - OKI electronic componets MSM6896 Datasheet HTML 19Page - OKI electronic componets MSM6896 Datasheet HTML 20Page - OKI electronic componets MSM6896 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
¡ Semiconductor
MSM6895/6896
17/43
AC Characteristics 1 (CODEC)
Loss T1
Loss T2
Loss T3
Loss T4
Loss T5
Loss T6
Transmit Frequency
Response
dB
Parameter
Symbol
Condition
Typ.
Unit
Min.
Max.
Freq.
(Hz)
Level
(dBm0)
60
300
1020
2020
3000
3400
27
+0.07
–0.03
+0.06
0.38
20
–0.15
–0.15
–0.15
0.0
—
+0.20
+0.20
+0.20
0.80
0
Reference
Loss R1
Loss R2
Loss R3
Loss R4
Loss R5
300
1020
2020
3000
3400
–0.03
–0.02
+0.15
0.56
–0.15
–0.15
–0.15
0.0
+0.20
+0.20
+0.20
0.80
Reference
Receive Frequency
Response
dB
0
SD T1
SD T2
SD T3
SD T4
SD T5
43.0
41.0
38.0
31.0
26.5
35
35
35
29
28
24
23
—
—
—
—
—
dB
1020
3
0
–30
–40
–45
Transmit Signal to
Distortion Ratio
*1
SD R1
SD R2
SD R3
SD R4
SD R5
43.0
41.0
40.0
34.0
31.0
37
37
37
31
30
26
25
—
—
—
—
—
dB
1020
3
0
–30
–40
–45
Receive Signal to
Distortion Ratio
*1
GT T1
GT T2
GT T3
GT T4
GT T5
+0.01
+0.13
+0.32
+0.64
–0.3
–0.3
–0.6
–1.5
+0.3
+0.3
+0.6
+1.5
Reference
Transmit Gain
Tracking
dB
1020
3
–10
–40
–50
–55
GT R1
GT R2
GT R3
GT R4
GT R5
0.0
–0.06
–0.20
–0.27
–0.2
–0.2
–0.4
–0.8
+0.2
+0.2
+0.4
+0.8
Reference
Receive Gain
Tracking
dB
1020
3
–10
–40
–50
–55
(VDD = 5 V ±5%, Ta = –10°C to +70°C)
*2
*2
*2
*2
Notes:
*1 Psophometric filter is used
*2 Upper is specified for the MSM6895, lower for the MSM6896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com